전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9614DPZ 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 PCA9614DPZ
상세설명  2-channel multipoint Fast-mode Plus differential I2C-bus buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9614DPZ 데이터시트(HTML) 2 Page - NXP Semiconductors

  PCA9614DPZ Datasheet HTML 1Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 2Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 3Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
NXP Semiconductors
PCA9614
2-channel multipoint Fast-mode Plus differential I2C-bus buffer
VDD(A)1
SCL
SDA
PCA9614
aaa-011060
dI2C-bus
(differential I2C-bus,
1 of 2 lines shown)
twisted-pair cable
single-ended
I2C-bus
PCA9614
SCL
SDA
GND1
GND2
VDD(A)2
single-ended
I2C-bus
VDD(B)
VDD(B)
EN
EN
VDD(B)
VDD(B)
Figure 1. SMBus/I2C-bus translation to dI2C-bus and back to SMBus/I2C-bus
2 Features and benefits
• New dI2C-bus buffers offer improved resistance to system noise and ground offset up
to 1⁄2 of supply voltage
• 2 channel dI2C (differential I2C) to Fm+ single-ended buffer operating up to 1 MHz with
30 mA SDA/SCL drive capability
• Compatible with I2C-bus Standard/Fast-mode and SMBus, Fast-mode Plus up to 1
MHz
• Active HIGH (internal pull-up resistor) Enable disables devices to high-impedance state
• Single-ended I2C-bus on card side up to 540 pF
• Differential I2C-bus on cable side supporting multi-drop bus
– Maximum cable length: 3 m (approximately 10 feet) (longer at lower frequency)
– dI2C output: 1.5 V differential output with nominal terminals
– Differential line impedance (user defined): 100 Ω nominal suggested
– Receive input sensitivity: ±200 mV
– Hysteresis: ±30 mV typical
– Input impedance: high-impedance (1 MΩ typical)
– Receive input voltage range: -0.5 V to +5.5 V
• Lock-up free operation
• Supports arbitration and clock stretching across the dI2C-bus buffers
• Powered-off and powering-up high-impedance I2C-bus pins
• Operating supply voltage (VDD(A)) range of 2.3 V to 5.5 V with single-ended side 5.5 V
tolerant
• Differential I2C-bus operating supply voltage (VDD(B)) range of 3.0 V to 5.5 V with 5.5 V
tolerant. Best operation is at 5 V.
• ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Package offering: TSSOP10
PCA9614
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 21 September 2021
2 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com