전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9614DPZ 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 PCA9614DPZ
상세설명  2-channel multipoint Fast-mode Plus differential I2C-bus buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9614DPZ 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button PCA9614DPZ Datasheet HTML 17Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 18Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 19Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 20Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 21Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 22Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 23Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 24Page - NXP Semiconductors PCA9614DPZ Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
NXP Semiconductors
PCA9614
2-channel multipoint Fast-mode Plus differential I2C-bus buffer
14.4 Reflow soldering
Key characteristics in reflow soldering are:
• Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads
to higher minimum peak temperatures (see Figure 17) than a SnPb process, thus
reducing the process window
• Solder paste printing issues including smearing, release, and adjusting the process
window for a mix of large and small components on one board
• Reflow temperature profile; this profile includes preheat, reflow (in which the board
is heated to the peak temperature) and cooling down. It is imperative that the peak
temperature is high enough for the solder to make reliable solder joints (a solder
paste characteristic). In addition, the peak temperature must be low enough that the
packages and/or boards are not damaged. The peak temperature of the package
depends on package thickness and volume and is classified in accordance with Table 7
and Table 8
Package reflow temperature (°C)
Volume (mm3)
Package thickness (mm)
< 350
≥ 350
< 2.5
235
220
≥ 2.5
220
220
Table 7. SnPb eutectic process (from J-STD-020D)
Package reflow temperature (°C)
Volume (mm3)
Package thickness (mm)
< 350
350 to 2 000
> 2 000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245
Table 8. Lead-free process (from J-STD-020D)
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 17.
PCA9614
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 21 September 2021
21 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com