전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9161BBCZ 데이터시트(PDF) 64 Page - Analog Devices

부품명 AD9161BBCZ
상세설명  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ 데이터시트(HTML) 64 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 60Page - Analog Devices AD9161BBCZ Datasheet HTML 61Page - Analog Devices AD9161BBCZ Datasheet HTML 62Page - Analog Devices AD9161BBCZ Datasheet HTML 63Page - Analog Devices AD9161BBCZ Datasheet HTML 64Page - Analog Devices AD9161BBCZ Datasheet HTML 65Page - Analog Devices AD9161BBCZ Datasheet HTML 66Page - Analog Devices AD9161BBCZ Datasheet HTML 67Page - Analog Devices AD9161BBCZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 64 of 144
Table 33. Sync Assertion Mask (SYNC_ASSERT_MASK)
Addr.
Bit No.
Bit Name
Description
0x47D
2
BDE
Set to 1 to assert SYNCOUT± if
the disparity error count
reaches the threshold
1
NIT
Set to 1 to assert SYNCOUT± if
the NIT error count reaches
the threshold
0
UEK
Set to 1 to assert SYNCOUT± if
the UEK character error
count reaches the threshold
CGS, Frame Sync, Checksum, and ILAS Monitoring
Register 0x470 to Register 0x473 can be monitored to verify
that each stage of the JESD204B link establishment has
occurred.
Bit x of CODE_GRP_SYNC (Register 0x470) is high if Link
Lane x received at least four K28.5 characters and passed code
group synchronization.
Bit x of FRAME_SYNC (Register 0x471) is high if Link Lane x
completed initial frame synchronization.
Bit x of GOOD_CHECKSUM (Register 0x472) is high if the
checksum sent over the lane matches the sum of the JESD204B
parameters sent over the lane during ILAS for Link Lane x. The
parameters can be added either by summing the individual fields
in registers or summing the packed register. If Register 0x300,
Bit 6 = 0 (default), the calculated checksums are the lower eight
bits of the sum of the following fields: DID, BID, LID, SCR, L − 1,
F − 1, K − 1, M − 1, N − 1, SUBCLASSV, NP − 1, JESDV, S − 1,
and HD. If Register 0x300, Bit 6 = 1, the calculated checksums
are the lower eight bits of the sum of Register 0x400 to
Register 0x40C and LID.
Bit x of INIT_LANE_SYNC (Register 0x473) is high if Link
Lane x passed the initial lane alignment sequence.
CGS, Frame Sync, Checksum, and ILAS IRQs
Fail signals for CGS, frame sync, checksum, and ILAS are available
as IRQ events. Enable them by writing to Register 0x4B8,
Bits[3:0]. The IRQ event status can be read at Register 0x4BA,
Bits[3:0] after the IRQs are enabled. Write a 1 to Register 0x4BA,
Bit 0 to reset the CGS IRQ. Write a 1 to Register 0x4BA, Bit 1 to
reset the frame sync IRQ. Write a 1 to Register 0x4BA, Bit 2 to
reset the checksum IRQ. Write a 1 to Register 0x4BA, Bit 3 to
reset the ILAS IRQ.
See the Interrupt Request Operation section for more information.
Configuration Mismatch IRQ
The AD9161/AD9162 have a configuration mismatch flag that
is available as an IRQ event. Use Register 0x4B9, Bit 0 to enable
the mismatch flag (it is enabled by default), and then use
Register 0x4BB, Bit 0 to read back its status and reset the IRQ
signal. See the Interrupt Request Operation section for more
information.
The configuration mismatch event flag is high when the link
configuration settings (in Register 0x450 to Register 0x45D) do
not match the JESD204B transmitted settings (Register 0x400 to
Register 0x40D).
This function is different from the good checksum flags in
Register 0x472. The good checksum flags ensure that the transmit-
ted checksum matches a calculated checksum based on the
transmitted settings. The configuration mismatch event ensures
that the transmitted settings match the configured settings.
HARDWARE CONSIDERATIONS
See the Applications Information section for information on
hardware considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More