| 전자부품 데이터시트 검색엔진 |
|
AM2431BSDFHIALVR 데이터시트(PDF) 78 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2431BSDFHIALVR 데이터시트(HTML) 78 Page - Texas Instruments |
|
78 / 242 page ![]() Table 6-52. MCSPI0 Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] SPI0_D1 IO SPI Data 1 A14 C9 (1) The SPI0_CS0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-53. MCSPI1 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] SPI1_CLK IO SPI Clock C14 SPI1_CS0 IO SPI Chip Select 0 B14 SPI1_CS1 IO SPI Chip Select 1 D14 SPI1_CS2 IO SPI Chip Select 2 D16 C11 SPI1_CS3 IO SPI Chip Select 3 E16 A11 SPI1_D0 IO SPI Data 0 B15 SPI1_D1 IO SPI Data 1 A15 Table 6-54. MCSPI2 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] SPI2_CLK IO SPI Clock E14 A12 SPI2_CS0 IO SPI Chip Select 0 E15 B12 SPI2_CS1 IO SPI Chip Select 1 C18 A17 SPI2_CS2 IO SPI Chip Select 2 B19 B18 SPI2_CS3 IO SPI Chip Select 3 A19 A18 SPI2_D0 IO SPI Data 0 D15 B10 SPI2_D1 IO SPI Data 1 C16 B11 Table 6-55. MCSPI3 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] SPI3_CLK IO SPI Clock U4 N3 SPI3_CS0 IO SPI Chip Select 0 U1 E1 SPI3_CS1 IO SPI Chip Select 1 T5 N4 SPI3_CS2 IO SPI Chip Select 2 V12 AA13 SPI3_CS3 IO SPI Chip Select 3 V15 Y14 SPI3_D0 IO SPI Data 0 R6 N1 SPI3_D1 IO SPI Data 1 V4 N2 Table 6-56. MCSPI4 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] SPI4_CLK IO SPI Clock B16 B9 SPI4_CS0 IO SPI Chip Select 0 E16 A11 SPI4_CS1 IO SPI Chip Select 1 A17 B13 SPI4_CS2 IO SPI Chip Select 2 B17 A14 SPI4_CS3 (1) IO SPI Chip Select 3 D18 SPI4_D0 IO SPI Data 0 A16 A9 SPI4_D1 IO SPI Data 1 D16 C11 (1) The SPI4_CS3 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. MCU Domain Instances Table 6-57. MCU_MCSPI0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCU_SPI0_CLK IO SPI Clock E6 AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 www.ti.com 78 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |