전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM2431BSDFHIALVR 데이터시트(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
부품명 AM2431BSDFHIALVR
상세설명  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM2431BSDFHIALVR 데이터시트(HTML) 90 Page - Texas Instruments

Back Button AM2431BSDFHIALVR Datasheet HTML 86Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 87Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 88Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 89Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 90Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 91Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 92Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 93Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 242 page
background image
6.3.23.3 SYSTEM
MAIN Domain Instances
Table 6-70. System Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
CLKOUT0
O
RMII Clock Output (50 MHz). This pin is used for clock
source to the external PHY and must be routed back to
the RMII_REF_CLK pin for proper device operation.
A19, U13
A18, V13
EXTINTn (2)
I
External Interrupt
C19
EXT_REFCLK1
I
External clock input to MAIN Domain, routed to Timer
clock muxes as one of the selectable input clock sources
for Timer/WWDT modules, or as reference clock to
MAIN_PLL2 (PER1 PLL)
A19
A18
GPMC0_FCLK_MUX (1)
O
GPMC functional clock output selected through mux logic
R17
OBSCLK0
O
Observation clock output for test and debug purposes
only
D17
A15
PORz_OUT
O
MAIN Domain POR status output
E17
D18
RESETSTATz
O
MAIN Domain warm reset status output
F16
E19
RESET_REQz
I
MAIN Domain external warm reset request input
E18
C17
SYSCLKOUT0
O
SYSCLK0 output from MAIN PLL controller (divided by 6)
for test and debug purposes only
C17
B14
(1)
The GPMC0_FCLK_MUX signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
(2)
The EXTINTn signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
MCU Domain Instances
Table 6-71. MCU System Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_EXT_REFCLK0 (2)
I
External system clock input
B7
MCU_OBSCLK0
O
Observation clock output for test and debug purposes
only
C6, E10
B3
MCU_PORz
I
MCU Domain cold reset
B21
C20
MCU_RESETSTATz
O
MCU Domain warm reset status output
B13
A6
MCU_RESETz
I
MCU Domain warm reset
B12
A5
MCU_SAFETY_ERRORn
IO
Error signal output from MCU Domain ESM
A20
B20
MCU_SYSCLKOUT0 (1)
O
MCU Domain system clock output for test and debug
purposes only
C6
(1)
The MCU_SYSCLKOUT0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
(2)
The MCU_EXT_REFCLK0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
6.3.23.4 VMON
Table 6-72. VMON Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
VMON_1P8_MCU
A
Voltage monitor input for 1.8 V MCU power supply
K16
VMON_1P8_SOC
A
Voltage monitor input for 1.8 V SoC power supply
E12
F14
VMON_3P3_MCU
A
Voltage monitor input for 3.3 V MCU power supply
F13
VMON_3P3_SOC
PWR
Voltage monitor input for 3.3 V SoC power supply
F14
E15
VMON_VSYS
A
Voltage monitor input, fixed 0.45 V (+/-3%) threshold.
Use with external precision voltage divider to monitor a
higher voltage rail such as the PMIC input supply.
K10
G13
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
www.ti.com
90
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com