전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25PF040C 데이터시트(PDF) 45 Page - Microchip Technology

부품명 SST25PF040C
상세설명  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C 데이터시트(HTML) 45 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 39Page - Microchip Technology SST25PF040C Datasheet HTML 40Page - Microchip Technology SST25PF040C Datasheet HTML 41Page - Microchip Technology SST25PF040C Datasheet HTML 42Page - Microchip Technology SST25PF040C Datasheet HTML 43Page - Microchip Technology SST25PF040C Datasheet HTML 44Page - Microchip Technology SST25PF040C Datasheet HTML 45Page - Microchip Technology SST25PF040C Datasheet HTML 46Page - Microchip Technology SST25PF040C Datasheet HTML 47Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
SST25PF040C
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005397F-page 4
5
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XXX
XX
Endurance/
Operating
Device
Device:
SST25PF040C
= 4-Mbit, 2.3-3.6V, Serial Flash Memory
Tape and
Reel Flag:
Blank
= Standard packaging (tube or tray)
T
= Tape and Reel(1)
Operating
Frequency:
40
= 40 MHz
Tempera-
ture:
I
= -40°C to +85°C (AEC-Q100 Grade 3)
V
= -40°C to +105°C (AEC-Q100 Grade 2)
E
= -40°C to +125°C (AEC-Q100 Grade 1)
Package:
SN
= SOIC (3.90 mm Body), 8-lead
MF
= WDFN (5mm x 6mm Body), 8-contact
NP
= USON (2mm x 3mm Body), 8-contact
Variant(2,3):
18GVAO
= Standard Automotive
18GVXX
= Customer Specific Automotive
Valid Combinations:
SST25PF040C-40E/SN18GVAO
SST25PF040C-40E/MF18GVAO
SST25PF040C-40I/SN18GVAO
SST25PF040C-40I/MF18GVAO
SST25PF040C-40V/SN18GVAO
SST25PF040C-40V/MF18GVAO
SST25PF040CT-40V/SN18GVAO
SST25PF040CT-40V/NP18GVAO
SST25PF040CT-40V/MF18GVAO
SST25PF040CT-40I/SN18GVAO
SST25PF040CT-40I/NP18GVAO
SST25PF040CT-40I/MF18GVAO
SST25PF040CT-40E/SN18GVAO
SST25PF040CT-40E/MF18GVAO
X
Tape/Reel
Indicator
Frequency
XX
Package
Temperature
XXX
Variant
Note 1:
Tape and Reel identifier only
appears in the catalog part number
description. This identifier is used for
ordering purposes and is not printed
on the device package. Check with
your Microchip Sales Office for pack-
age availability with the Tape and
Reel option.
2:
The VAO/VXX automotive variants
have been designed, manufactured,
tested and qualified in accordance
with AEC-Q100 requirements for
automotive applications.
3:
For customers requesting a PPAP, a
customer-specific part number will
be generated and provided. A PPAP
is not provided for VAO part num-
bers.
(1)
(2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com