| 전자부품 데이터시트 검색엔진 |
|
USB2512I 데이터시트(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2512I 데이터시트(HTML) 40 Page - Microchip Technology |
|
40 / 57 page ![]() USB251xB/xBi DS00001692D-page 40 2022 Microchip Technology Inc. and its subsidiaries Note 6-2 The rise time for the 3.3 V supply can be extended to 100 ms max if RESET_N is actively driven low, typically by another IC, until 1 s after all supplies are within operating range. FIGURE 6-1: SUPPLY RISE TIME MODEL TABLE 6-1: DC ELECTRICAL CHARACTERISTICS Parameter Symbol MIN TYP MAX Units Comments I, IS Type Input Buffer Low Input Level VILI 0.8 V TTL Levels High Input Level VIHI 2.0 V Input Leakage IIL -10 +10 AVIN = 0 to VDD33 Hysteresis (IS only) VHYSI 250 350 mV Input Buffer with Pull-Up (IPU) Low Input Level VILI 0.8 V TTL Levels High Input Level VIHI 2.0 V Low Input Leakage IILL +35 +90 AVIN = 0 High Input Leakage IIHL -10 +10 AVIN = VDD33 Input Buffer with Pull-Down (IPD) Low Input Level VILI 0.8 V TTL Levels High Input Level VIHI 2.0 V Low Input Leakage IILL +10 -10 AVIN = 0 High Input Leakage IIHL -35 -90 AVIN = VDD33 USB251xB/xBi ICLK Input Buffer Low Input Level VILCK 0.3 V High Input Level VIHCK 0.9 V Input Leakage IIL -10 +10 AVIN = 0 to VDD33 t10% 10% 90% Voltage tRT33 t90% Time 100% 3.3 V VSS VDD33 |