| 전자부품 데이터시트 검색엔진 |
|
USB2512I 데이터시트(PDF) 42 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2512I 데이터시트(HTML) 42 Page - Microchip Technology |
|
42 / 57 page ![]() USB251xB/xBi DS00001692D-page 42 2022 Microchip Technology Inc. and its subsidiaries Note 6-5 Capacitance TA = 25°C; fc = 1 MHz; VDD33 = 3.3 V TABLE 6-5: SUPPLY CURRENT CONFIGURED: FULL-SPEED HOST (IFCC1) Part MIN TYP MAX Units Comments USB2512B 45 50 mA Base current of one downstream port USB2512Bi 45 55 mA USB2513B 50 55 mA USB2513Bi 50 60 mA USB2514B 50 60 mA USB2514Bi 50 65 mA USB251xB/xBi Supply Current Configured Full-Speed Host , each additional downstream port 1 port base + 8 mA 1 port base + 8 mA mA TABLE 6-6: SUPPLY CURRENT SUSPEND (ICSBY) Part MIN TYP MAX Units Comments USB2512B 475 1000 A All supplies combined USB2512Bi 475 1200 A USB2513B 500 1100 A USB2513Bi 500 1300 A USB2514B 550 1200 A USB2514Bi 550 1500 A TABLE 6-7: SUPPLY CURRENT RESET (ICRST) Part MIN TYP MAX Units Comments USB2512B 550 1100 A All supplies combined USB2512Bi 550 1250 A USB2513B 650 1200 A USB2513Bi 650 1400 A USB2514B 750 1400 A USB2514Bi 750 1600 A TABLE 6-8: PIN CAPACITANCE Limits Parameter Symbol MIN TYP MAX Unit Test Condition Clock Input Capacitance CXTAL 6 pF All pins except USB pins and the pins under the test tied to AC ground Input Capacitance CIN 6pF (Note 6-5) Output Capacitance COUT 6pF |