| 전자부품 데이터시트 검색엔진 |
|
USB5816C/KD 데이터시트(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5816C/KD 데이터시트(HTML) 56 Page - Microchip Technology |
|
56 / 66 page ![]() USB5816C DS00003186C-page 56 2022 Microchip Technology Inc. and its subsidiaries Note 6: Frequency Deviation Over Time is also referred to as Aging. Note 7: 0 °C for commercial version, -40 °C for industrial version. Note 8: +70 °C for commercial version, +85 °C for industrial version. Note 9: This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this value. The XTALI/CLKIN pin, XTALO pin and PCB capacitance values are required to accurately calculate the value of the two external load capacitors. These two external load capacitors determine the accuracy of the 25.000 MHz frequency. 10.7.2 EXTERNAL REFERENCE CLOCK ( CLKIN) When using an external reference clock, the following input clock specifications are suggested: • 25 MHz • 50% duty cycle ±10%, ±100 ppm • Jitter < 100 ps RMS Total Allowable PPM Budget - - ±100 PPM Note 7 Shunt Capacitance CO - 7 typ - pF Load Capacitance CL - 20 typ - pF Drive Level PW 100 - - uW Equivalent Series Resistance R1 - - 60 Ω Operating Temperature Range Note 7 - Note 8 oC XTALI/CLKIN Pin Capacitance - 3 typ - pF Note 9 XTALO Pin Capacitance - 3 typ - pF Note 9 TABLE 10-10: CRYSTAL SPECIFICATIONS (CONTINUED) PARAMETER SYMBOL MIN NOM MAX UNITS NOTES |