| 전자부품 데이터시트 검색엔진 |
|
USB5816C/KD 데이터시트(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5816C/KD 데이터시트(HTML) 10 Page - Microchip Technology |
|
10 / 66 page ![]() USB5816C DS00003186C-page 10 2022 Microchip Technology Inc. and its subsidiaries The pin reset state definitions are detailed in Table 3-1. 3.3 USB5926C Pin Descriptions This section contains descriptions of the various USB5816C pins. The pin descriptions have been broken into functional groups as follows: • USB 3.2 Gen 1 Pin Descriptions • USB 2.0 Pin Descriptions • Port Control Pin Descriptions • SPI Interface • USB Type-C Connector Controls • Miscellaneous Pin Descriptions • Configuration Strap Pin Descriptions • Power and Ground Pin Descriptions The “ _N” symbol in the signal name indicates that the active, or asserted, state occurs when the signal is at a low voltage level. For example, RESET_N indicates that the reset signal is active low. When “_N” is not present after the signal name, the signal is asserted when at the high voltage level. The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of “active low” and “active high” signal. The term assert, or assertion, indicates that a signal is active, independent of whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac- tive. TABLE 3-1: PIN RESET STATE LEGEND Symbol Description A/P Analog/Power Input R Reset Control Input Z Hardware disables output driver (high impedance) PU-50k Hardware enables internal 50kΩ pull-up PD-50k Hardware enables internal 50kΩ pull-down PD-15k Hardware enables internal 15kΩ pull-down PD-1M Hardware enables internal 1M pull-down TABLE 3-2: USB 3.2 GEN 1 PIN DESCRIPTIONS Name Symbol Buffer Type Description USB 3.2 Gen 1 Upstream D+ TX USB3UP_TXDP I/O-U Upstream USB 3.2 Gen 1 Transmit Data Plus USB 3.2 Gen 1 Upstream D- TX USB3UP_TXDM I/O-U Upstream USB 3.2 Gen 1 Transmit Data Minus USB 3.2 Gen 1 Upstream D+ RX USB3UP_RXDP I/O-U Upstream USB 3.2 Gen 1 Receive Data Plus USB 3.2 Gen 1 Upstream D- RX USB3UP_RXDM I/O-U Upstream USB 3.2 Gen 1 Receive Data Minus |