전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8360ECVVALDGA 데이터시트(PDF) 22 Page - NXP Semiconductors

부품명 MPC8360ECVVALDGA
상세설명  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALDGA 데이터시트(HTML) 22 Page - NXP Semiconductors

Back Button MPC8360ECVVALDGA Datasheet HTML 18Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 19Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 20Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 21Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 22Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 23Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 24Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 25Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
22
Freescale Semiconductor
DDR and DDR2 SDRAM AC Electrical Characteristics
6.2.2
DDR and DDR2 SDRAM Output AC Timing Specifications
Table 21 and Table 22 provide the output AC timing specifications and measurement conditions for the DDR and DDR2
SDRAM interface.
Table 21. DDR and DDR2 SDRAM Output AC Timing Specifications for Source
Synchronous Mode
At recommended operating conditions with GVDD of (1.8 V or 2.5 V) ± 5%.
Parameter8
Symbol1
Min
Max
Unit
Notes
MCK[n] cycle time, (MCK[n]/MCK[n] crossing)
tMCK
610
ns
2
Skew between any MCK to ADDR/CMD
333 MHz
266 MHz
200 MHz
tAOSKEW
–1.0
–1.1
–1.2
0.2
0.3
0.4
ns
3
ADDR/CMD output setup with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHAS
2.1
2.8
3.5
—ns
4
ADDR/CMD output hold with respect to MCK
333 MHz
266 MHz—DDR1
266 MHz—DDR2
200 MHz
tDDKHAX
2.0
2.7
2.8
3.5
—ns
4
MCS(n) output setup with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHCS
2.1
2.8
3.5
—ns
4
MCS(n) output hold with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHCX
2.0
2.7
3.5
—ns
4
MCK to MDQS
tDDKHMH
–0.8
0.7
ns
5, 9
MDQ/MECC/MDM output setup with respect to MDQS
333 MHz
266 MHz
200 MHz
tDDKHDS,
tDDKLDS
0.7
1.0
1.2
—ns
6
MDQ/MECC/MDM output hold with respect to MDQS
333 MHz
266 MHz
200 MHz
tDDKHDX,
tDDKLDX
0.7
1.0
1.2
—ns
6
MDQS preamble start
tDDKHMP
–0.5
× tMCK – 0.6 –0.5 × tMCK + 0.6
ns
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com