전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8360ECVVALDGA 데이터시트(PDF) 91 Page - NXP Semiconductors

부품명 MPC8360ECVVALDGA
상세설명  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALDGA 데이터시트(HTML) 91 Page - NXP Semiconductors

Back Button MPC8360ECVVALDGA Datasheet HTML 87Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 88Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 89Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 90Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 91Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 92Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 93Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 94Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
91
Thermal Characteristics
Example 1. Sample Table Use
•
Example A. To configure the device with CSB clock rate of 266 MHz, core rate of 400 MHz, and QUICC Engine
clock rate 300 MHz while the input clock rate is 33 MHz. Conf No. ‘s10’ and ‘c1’ are selected from Table 76. SPMF
is 1000, CORPLL is 0000011, CEPMF is 01001, and CEPDF is 0.
•
Example B. To configure the device with CSBCSB clock rate of 266 MHz, core rate of 533 MHz and QUICC Engine
clock rate 400 MHz while the input clock rate is 66 MHz. Conf No. ‘s5h’ and ‘c2h’ are selected from Table 76. SPMF
is 0100, CORPLL is 0000100, CEPMF is 00110, and CEPDF is 0.
22
Thermal
This section describes the thermal specifications of the MPC8360E/58E.
22.1
Thermal Characteristics
This table provides the package thermal characteristics for the 37.5 mm × 37.5 mm 740-TBGA package.
Index
SPMF
CORE
PLL
CEPMF CEPDF
Input Clock
(MHz)
CSB Freq
(MHz)
Core Freq
(MHz)
QUICC
Engine Freq
(MHz)
400
(MHz)
533
(MHz)
667
(MHz)
A
1000
0000011
01001
0
33
266
400
300
∞∞
∞
B
0100
0000100
00110
0
66
266
533
400
∞∞
∞
Table 77. Package Thermal Characteristics for the TBGA Package
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient natural convection on single-layer board (1s)
RθJA
15
° C/W
1, 2
Junction-to-ambient natural convection on four-layer board (2s2p)
RθJA
11
° C/W
1, 3
Junction-to-ambient (@1 m/s) on single-layer board (1s)
RθJMA
10
° C/W
1, 3
Junction-to-ambient (@ 1 m/s) on four-layer board (2s2p)
RθJMA
8
° C/W
1, 3
Junction-to-ambient (@ 2 m/s) on single-layer board (1s)
RθJMA
9
° C/W
1, 3
Junction-to-ambient (@ 2 m/s) on four-layer board (2s2p)
RθJMA
7
° C/W
1, 3
Junction-to-board thermal
RθJB
4.5
° C/W
4
Junction-to-case thermal
RθJC
1.1
° C/W
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com