| 전자부품 데이터시트 검색엔진 |
|
MPC5645BCAMLU1 데이터시트(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5645BCAMLU1 데이터시트(HTML) 20 Page - NXP Semiconductors |
|
20 / 116 page ![]() MPC5646C Microcontroller DataSheet, Rev. 7 Package pinouts and signal descriptions NXP Semiconductors 20 PD[5] PCR[53] AF0 AF1 AF2 AF3 — — GPI[53] — — — ADC0_P[9] ADC1_P[9] SIUL — — — ADC_0 ADC_1 I — — — I I ITristate 82 98 T14 PD[6] PCR[54] AF0 AF1 AF2 AF3 — — GPI[54] — — — ADC0_P[10] ADC1_P[10] SIUL — — — ADC_0 ADC_1 I — — — I I ITristate 83 99 R14 PD[7] PCR[55] AF0 AF1 AF2 AF3 — — GPI[55] — — — ADC0_P[11] ADC1_P[11] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 84 100 P13 PD[8] PCR[56] AF0 AF1 AF2 AF3 — — GPI[56] — — — ADC0_P[12] ADC1_P[12] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 87 103 P14 PD[9] PCR[57] AF0 AF1 AF2 AF3 — — GPI[57] — — — ADC0_P[13] ADC1_P[13] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 94 114 N16 PD[10] PCR[58] AF0 AF1 AF2 AF3 — — GPI[58] — — — ADC0_P[14] ADC1_P[14] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 95 115 M14 PD[11] PCR[59] AF0 AF1 AF2 AF3 — — GPI[59] — — — ADC0_P[15] ADC1_P[15] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 96 116 M15 Table 4. Functional port pin descriptions (continued) Port pin PCR Function Pin number |