전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NVTYS005N06CL 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 NVTYS005N06CL
상세설명  MOSFET - Power, Single N-Channel 60 V, 5.3 m, 89 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTYS005N06CL 데이터시트(HTML) 4 Page - ON Semiconductor

  NVTYS005N06CL Datasheet HTML 1Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 2Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 3Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 4Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 5Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVTYS005N06CL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
1
10
100
1000
10000
0
10
20
3040
5060
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Drain Current vs. Time in
Avalanche
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TIME IN AVALANCHE (s)
VGS = 0 V
TJ = 25°C
f = 1 MHz
CISS
COSS
CRSS
VDS = 48 V
ID = 50 A
TJ = 25°C
QGS
QGD
VGS = 4.5 V
VDS = 48 V
ID = 50 A
td(off)
td(on)
tf
tr
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ(initial) = 150°C
TJ(initial) = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
10 ms
1 ms
10 ms
VGS ≤ 10 V
Single Pulse
TC = 25°C
1
10
100
1000
1
10
100
1
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
1000
0.1
1
10
1000
0.1
0.1
1
10
100
0.0001
0.001
0.01
100
0.5 ms
100



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com