전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE12322A 데이터시트(PDF) 1 Page - ACE Technology Co., LTD.

부품명 ACE12322A
상세설명  Dual N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE12322A 데이터시트(HTML) 1 Page - ACE Technology Co., LTD.

  ACE12322A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE12322A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE12322A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE12322A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE12322A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE12322A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE12322A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE12322A
Dual N-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE12322A is the Dual N-Channel logic enhancement mode power field effect transistors are
produced using high cell density, DMOS trench technology. This high density process is especially
tailored to minimize on-state resistance. These devices are particularly suited for low voltage application
notebook computer power management and other battery powered circuits where high-side switching,
low in-line power loss and resistance to transients are needed.
Features
20V/4.0A,RDS(ON)=26m
Ω@VGS=4.5V
20V/3.0A,RDS(ON)=35m
Ω@VGS=2.5V
20V/2.0A,RDS(ON)=50m
Ω@VGS=1.8V
Super high density cell design for extremely low RDS (ON)
Exceptional on-resistance and maximum DC current capability
DFN2X2-6L package design
Applications
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
4.5
A
TA=70℃
4.5
Pulsed Drain Current
IDM
20
A
Continuous Source Current(Diode Conduction)
IS
1.6
A
Power Dissipation
TA=25℃
PD
1.9
W
TA=70℃
1.2
Operating Junction Temperature
TJ
-55~150
OC
Storage Temperature Range
TSTG
-55~150
OC
Thermal Resistance-Junction to Ambient
T≦5sec
RθJA
65
OC /W
Steady State
95


유사한 부품 번호 - ACE12322A

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE12327A ACE-ACE12327A Datasheet
633Kb / 6P
P-Channel Enhancement Mode MOSFET
VER 1.1
More results

유사한 설명 - ACE12322A

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com