| 전자부품 데이터시트 검색엔진 |
|
PIC16F616-E/MLQTP 데이터시트(PDF) 32 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/MLQTP 데이터시트(HTML) 32 Page - Cirrus Logic |
|
32 / 172 page ![]() PIC16F616/16HV616 DS41288A-page 30 Preliminary © 2006 Microchip Technology Inc. 4.2.4.4 RA3/MCLR/VPP Figure 4-4 shows the diagram for this pin. The RA3 pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up FIGURE 4-4: BLOCK DIAGRAM OF RA3 4.2.4.5 RA4/AN3/T1G/OSC2/CLKOUT Figure 4-5 shows the diagram for this pin. The RA4 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a Timer1 gate (count enable) • a crystal/resonator connection • a clock output FIGURE 4-5: BLOCK DIAGRAM OF RA4 VSS D Q CK Q D EN Q Data Bus RD PORTA RD PORTA WR IOCA RD IOCA Reset MCLRE RD TRISA VSS D EN Q MCLRE VDD Weak MCLRE Interrupt-on- Change Q3 Input Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Analog Input Mode Data Bus WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA FOSC/4 To A/D Converter Oscillator Circuit OSC1 CLKOUT 0 1 CLKOUT Enable Enable Analog(3) Input Mode RAPU RD PORTA To T1G INTOSC/ RC/EC(2) CLK(1) Modes CLKOUT Enable Note 1: CLK modes are XT, HS, LP, TMR1 LP and CLKOUT Enable. 2: With CLKOUT option. 3: Analog Input mode comes from ANSEL. Interrupt-on- Change Q3 I/O Pin |