| 전자부품 데이터시트 검색엔진 |
|
PIC16F616-E/MLQTP 데이터시트(PDF) 36 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/MLQTP 데이터시트(HTML) 36 Page - Cirrus Logic |
|
36 / 172 page ![]() PIC16F616/16HV616 DS41288A-page 34 Preliminary © 2006 Microchip Technology Inc. 4.3.1 RC0/AN4/C2IN+ The RC0 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • an analog non-inverting input to Comparator C2 4.3.2 RC1/AN5/C12IN1- The RC1 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • an analog inverting input to the comparator FIGURE 4-7: BLOCK DIAGRAM OF RC0 AND RC1 4.3.3 RC2/AN6/C12IN2-/P1D The RC2 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a digital output from the Enhanced CCP • an analog input to Comparators C1 and C2 4.3.4 RC3/AN7/C12IN3-/P1C The RC3 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a digital output from the Enhanced CCP • an analog inverting input to Comparators C1 and C2 FIGURE 4-8: BLOCK DIAGRAM OF RC2 AND RC3 I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter RD PORTC Analog Input Mode(1) To Comparators Note 1: Analog Input mode comes from ANSEL or Comparator mode. I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter RD PORTC Analog Input Mode(1) 0 1 CCPOUT CCPOUT Enable Note 1: Analog Input mode comes from ANSEL. |