전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLPD107S 데이터시트(PDF) 5 Page - Rectron Semiconductor

부품명 SLPD107S
상세설명  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SLPD107S 데이터시트(HTML) 5 Page - Rectron Semiconductor

  SLPD107S Datasheet HTML 1Page - Rectron Semiconductor SLPD107S Datasheet HTML 2Page - Rectron Semiconductor SLPD107S Datasheet HTML 3Page - Rectron Semiconductor SLPD107S Datasheet HTML 4Page - Rectron Semiconductor SLPD107S Datasheet HTML 5Page - Rectron Semiconductor SLPD107S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
BOX SIZE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
SLPDS
---
430*300*310
80,000
---
-T
PACKING
CODE
(mm)
EA PER
BOX
INNER
8,000
282*282*37
---
4,000



Html Pages

1 2 3 4 5 6