전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLPD107S 데이터시트(PDF) 6 Page - Rectron Semiconductor

부품명 SLPD107S
상세설명  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SLPD107S 데이터시트(HTML) 6 Page - Rectron Semiconductor

  SLPD107S Datasheet HTML 1Page - Rectron Semiconductor SLPD107S Datasheet HTML 2Page - Rectron Semiconductor SLPD107S Datasheet HTML 3Page - Rectron Semiconductor SLPD107S Datasheet HTML 4Page - Rectron Semiconductor SLPD107S Datasheet HTML 5Page - Rectron Semiconductor SLPD107S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
0123
4
567
624
1814
9183
14
33
5126 18
3
53653
213
564
523
812

23
5614
1
63
51254
4
123
5685

23
56816621163
85453
14
26 180123
4
567
6254656156
3
81
8818654
18568


3
54



3

54614
4
54
854
6224
2
183
8113812

23
5686
3
8
6
54
3
56
2563

614
1
63
1613
54
59
14
5231824
3
5656

2
4
13

14
8
21
62
15600 !3
8113
86"54812

23
5682
66594

6


14
163
23
568623
14

54
62194
59143

10123
4
567
625186538816


3
4
8
6 5353
1
23
5654
81564
523542
4
2
3

0123
4
564
523
84
165318
61
63
161543
54
#1
5481
61
2



1
89
6

635453
14
23
568
63
161
54

1
883

6
6 5453
144
1

3
1
23
56814
1


4
154

623
5652556163542
4
2
3
4


4
123

54
6
4
123

281
6$
4
543
4
13
16

1
3
531%4
18814
3
3
164

5950123
4
567
6283
514
88
6 5481

6 0123
4
562556163
8
5481
6
82
23
56858533
1
4564
868
 4
113
5



616

0123

4
567
626
3
888

4
184

188 
683
2

8 1861%16
3

4
18
&'
()*+'
,-./01'
)-



Html Pages

1 2 3 4 5 6