전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B5817WS 데이터시트(PDF) 2 Page - AiT Semiconductor Inc.

부품명 B5817WS
상세설명  SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 40V FORWARD CURRENT 1A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

B5817WS 데이터시트(HTML) 2 Page - AiT Semiconductor Inc.

  B5817WS Datasheet HTML 1Page - AiT Semiconductor Inc. B5817WS Datasheet HTML 2Page - AiT Semiconductor Inc. B5817WS Datasheet HTML 3Page - AiT Semiconductor Inc. B5817WS Datasheet HTML 4Page - AiT Semiconductor Inc. B5817WS Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
B5817WS-B5819WS
SCHOTTKY DIODE
REVERSE VOLTAGE 20V TO 40V FORWARD CURRENT 1A
REV1.0
- JAN 2017 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
@ TA=25°C, unless otherwise specified.
Parameter
Symbol B5817WS B5818WS B5819WS
Unit
Non-Repetitive Peak Reverse Voltage
VRM
20
30
40
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Output Current
IO
1
A
Peak Forward Surge Current @ 8.3ms
IFSM
20
A
Power Dissipation
PD
250
mW
Thermal Resistance Junction to Ambient
RθJA
500
°C/W
Storage Temperature
TSTG
-65 ~+150
°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these o r any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
@ TA=25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Max
Unit
Reverse Breakdown Voltage
V(BR)
IR=1mA
B5817WS
20
-
V
B5818WS
30
B5819WS
40
Reverse Voltage Leakage Current
IR
VR=20V
VR=30V
VR=40V
B5817WS
-
1
mA
B5818WS
B5819WS
Forward Voltage
VF
IF=1A
IF=3A
B5817WS
-
0.45
0.75
V
B5818WS
-
0.55
0.875
B5819WS
-
0.6
0.9
Diode Capacitance
CD
VR=4V,
f=1MHz
-
120
pF



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com