전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS21 데이터시트(PDF) 3 Page - AiT Semiconductor Inc.

부품명 BAS21
상세설명  SWITCHING DIODES HIGH VOLTAGE SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

BAS21 데이터시트(HTML) 3 Page - AiT Semiconductor Inc.

  BAS21 Datasheet HTML 1Page - AiT Semiconductor Inc. BAS21 Datasheet HTML 2Page - AiT Semiconductor Inc. BAS21 Datasheet HTML 3Page - AiT Semiconductor Inc. BAS21 Datasheet HTML 4Page - AiT Semiconductor Inc. BAS21 Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
BAS21
SWITCHING DIODES
HIGH VOLTAGE SWITCHING DIODE
REV1.0
- SEP 2012 RELEASED -
- 3 -
TEST CIRCUIT
Figure 1. Recovery Time Equivalent Test Circuit
Note1: A 2.0kΩ variable resistor adjusted for a Forward Current (IF) of 30mA.
Note2: Input pulse is adjusted so IR(PEAK) is equal to 30mA.
Note3: tP» tRR



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com