전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS21 데이터시트(PDF) 2 Page - AiT Semiconductor Inc.

부품명 BAS21
상세설명  SWITCHING DIODES HIGH VOLTAGE SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

BAS21 데이터시트(HTML) 2 Page - AiT Semiconductor Inc.

  BAS21 Datasheet HTML 1Page - AiT Semiconductor Inc. BAS21 Datasheet HTML 2Page - AiT Semiconductor Inc. BAS21 Datasheet HTML 3Page - AiT Semiconductor Inc. BAS21 Datasheet HTML 4Page - AiT Semiconductor Inc. BAS21 Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
BAS21
SWITCHING DIODES
HIGH VOLTAGE SWITCHING DIODE
REV1.0
- SEP 2012 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
VR, Continuous Reverse Voltage
250Vdc
IF, Peak Forward Current
200mAdc
IFM(SURGE), Peak Forward Surge Current
625mAdc
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
Parameter
Symbol
Max.
Unit
Total Device Dissipation FR– 5 BoardNOTE1
TA=25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation Alumina SubstrateNOTE2
TA=25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , TSTG
–55 to +150
°C
NOTE1: FR–5 = 1.0 x 0.75 x 0.062 in.
NOTE2: Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
ELECTRICAL CHARACTERISTICS
TA=25°C, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
IR
VR=200Vdc
0.1
μAdc
VR=200Vdc, TJ=150°C
100
Reverse Breakdown Voltage
V(BR)
IBR =100μAdc
250
Vdc
Forward Voltage
VF
IF=100mAdc
1000
mV
IF=200mAdc
1250
Diode Capacitance
CD
VR=0, f=1.0MHz
5.0
pF
Reverse Recovery Time
tRR
IF=IR=30mAdc, R=100Ω
50
ns



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com