전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR220F 데이터시트(PDF) 4 Page - AiT Semiconductor Inc.

부품명 MBR220F
상세설명  SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MBR220F 데이터시트(HTML) 4 Page - AiT Semiconductor Inc.

  MBR220F Datasheet HTML 1Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 2Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 3Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 4Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 5Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MBR220F~MBR2200F
SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
- AUG 2015 RELEASE, MAR 2021 UPDATED -
- 4 -
Recommended condition of flow soldering
Recommended condition of reflow soldering
Recommended peak temperature is over 245°C. If peak temperature is below 245°C, you may adjust the
following parameters; time length of peak temperature (longer), time length of soldering (longer), thickness of
solder paste (thicker)
Condition of hand soldering
Temperature: 320°C
Time: 3s max.
Times: one time
Remark
Lead free solder paste (96.5Sn/3.0Ag/0.5Cu)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com