전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR220F 데이터시트(PDF) 5 Page - AiT Semiconductor Inc.

부품명 MBR220F
상세설명  SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MBR220F 데이터시트(HTML) 5 Page - AiT Semiconductor Inc.

  MBR220F Datasheet HTML 1Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 2Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 3Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 4Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 5Page - AiT Semiconductor Inc. MBR220F Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MBR220F~MBR2200F
SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
- AUG 2015 RELEASE, MAR 2021 UPDATED -
- 5 -
PACKAGE INFORMATION
Dimension in SOD-123FL (Unit: mm)
Plastic Surface mounted package; 2 leads
The recommended mounting pad size
UNIT
A
C
D
E
e
g
HE
mm
Max
1.1
0.20
2.9
1.9
1.1
0.9
3.8
Min
0.9
0.12
2.6
1.7
0.8
0.7
3.5
mil
Max
43
7.9
114
75
43
35
150
Min
35
4.7
102
67
31
28
138



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com