전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATCR1R5 데이터시트(PDF) 2 Page - Analog Technologies, Inc.

부품명 ATCR1R5
상세설명  Thermal Conductive Pad
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATCR1R5 데이터시트(HTML) 2 Page - Analog Technologies, Inc.

  ATCR1R5 Datasheet HTML 1Page - Analog Technologies, Inc. ATCR1R5 Datasheet HTML 2Page - Analog Technologies, Inc. ATCR1R5 Datasheet HTML 3Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2352 Walsh Ave. Santa Clara, CA 95051. U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111
www.analogtechnologies.com
© Copyrights 2000 – 2015, Analog Technologies, Inc. All Rights Reserved. Updated on 7/6/2015.
www.analogti.com
2
Analog Technologies
ATCR1R5
Thermal Conductive Pad
SPECIFICATIONS
Table 1. Characteristics
ATCR1R5-0.5
ATCR1R5-1.0
ATCR1R5-2.0
ATCR1R5-3.0
ATCR1R5-4.0
ATCR1R5-5.0
Test
method
Unit
Size
200·200·0.5
200·200·1.0
200·200·2.0
200·200·3.0
200·200·4.0
200·200·5.0
ASTM
D374
mm
Color
Dark gray
Visual
Material
Silicon gel & ceramic
Elongation
132
135
134
143
146
153
ASTM
D412
%
Density
2.5
ASTM
D792
g/cc
(gram/cubic
centimetre)
Hardness
30±5
18±5
18±5
18±5
18±5
18±5
ASTM
D2240
Shore C
Tear
Strength
0.80
0.80
0.80
0.70
0.70
0.65
ASTM
D412
KN/m
(kilo-
newton/
meter)
Volume
Resistivity
8.0*1015
ASTM
D257
Ω.cm
Dielectric
Coefficient
5.75
ASTM
D150
1MHZ
Flame
Rating
V-0
UL 94
Insulation
Strength
6.5
8
10
10
10
10
ASTM
D419
Kv/mm
(kilovolt/
millimeter)
Weight Loss
0.3
@200
°C
240H
%
Working
Temperature
-
40 ~ 150
EN344
°C
Thermal
Conductivity
1.5
ASTM
E1461
W/m.k
(watt/
millikelvin)
ORDERING INFORMATIONS
Table 2. Unit Price
Quantity
1 - 19
20 - 99
100 -249
≥250
ATCR1R5-0.5
$10.00
$9.00
$8.00
$7.00
ATCR1R5-1.0
$13.00
$12.00
$11.00
$10.00
ATCR1R5-1.5
$15.00
$14.00
$13.00
$12.00
ATCR1R5-2.0
$17.00
$16.00
$15.00
$14.00
ATCR1R5-2.5
$18.00
$17.00
$16.00
$15.00
ATCR1R5-3.0
$19.00
$18.00
$17.00
$16.00
ATCR1R5-3.5
$20.00
$19.00
$18.00
$17.00
ATCR1R5-4.0
$22.00
$21.00
$20.00
$19.00
ATCR1R5-4.5
$24.00
$23.00
$22.00
$21.00
ATCR1R5-5.0
$26.00
$25.00
$24.00
$23.00



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com