| 전자부품 데이터시트 검색엔진 |
|
STEVAL-ASTRA1B 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-ASTRA1B 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 28 page ![]() Figure 17. System on board (STEVAL-ASTRA1SB) circuit schematic (8 of 10) STM32WB WB_RESET1 WB_GND_RF WB_PA0_WKUP WB_PC0_I2C3_SCL WB_PA1_TIM2CH2 WB_PC1_ADC WB_PA2_LPUART1_TX WB_PC2_SPI2_MISO WB_PA3_LPUART1_RX WB_PC3_ADC WB_PA4_SPI1_CS WB_PC4_EXTI WB_PB0_GPIO WB_PA5_SPI1_SCK WB_PC5_ADC WB_PB1_GPIO WB_PA6_SPI1_MISO WB_PC6_EXTI WB_PA7_QUADSPI_BK1_IO2 WB_PC7_EXTI WB_PA8_MCO WB_PC8_WL_WKUP WB_PA9_USART1_TX WB_PC9_WL_EXTI WB_PA10_USART1_RX WB_PC10_WL_RESET WB_PA11_USB_DM WB_PC11_EXTI WB_PA12_USB_DP WB_PC12_STSAFE_RESET WB_PB10_QUADSPI_CLK WB_PA13_SWDIO WB_PC13_EXTI WB_PB11_I2C3_SDA WB_PA14_SWCLK WB_PC5_ADC WB_PA15_GPIO WB_PD0_SPI2_CS WB_PD1_SPI2_SCK WB_PB0_GPIO WB_PD2_GPIO WB_PB1_GPIO WB_PD3_QUADSPI_BK1_NCS WB_PB2_EXTI WB_PD4_QUADSPI_BK1_IO0 WB_PB3_USART1_RTS WB_PD5_QUADSPI_BK1_IO1 WB_PB4_USART1_CTS WB_PD6_SAI1_SD_A WB_PB5_SPI1_MOSI WB_PD7_QUADSPI_BK1_IO3 WB_PB6_USART1_TX WB_PD8_EXTI WB_PB7_USART1_RX WB_PD9_EXTI WB_PB12_SAI1_FS_A WB_PB8_I2C1_SCL WB_PD10_EXTI WB_PC4_EXTI WB_PB9_I2C1_SDA WB_PD11_GPIO WB_PC13_EXTI WB_PB10_QUADSPI_CLK WB_PD12_EXTI WB_PE3_EXTI WB_PB11_I2C3_SDA WB_PD13_GPIO WB_PE4_VOUT2_CTRL WB_PB12_SAI1_FS_A WB_PD14_TIM1CH1 WB_PB13_SAI1_SCK_A WB_PD15_TIM1CH2 WB_PB14_EXTI WB_PB15_SPI2_MOSI WB_VDD_USB WB_VDD WB_GND C912 3pF C908 3pF U902 STM32WB5MMGH6TR PA2 1 PA1 2 PA0 3 PC3 7 PC2 8 PC1 9 PB9 11 PC0 12 PB8 14 PB7 18 PB5 19 PB4 20 PB3 21 PC10 22 PC11 23 PC12 24 PA13 25 PA14 26 PA15 27 PA10 28 PA12 29 PA11 30 PD0 33 PD1 34 PB13 35 PC6 36 PB14 37 PB15 38 PB6 39 PC13 40 PB12 41 PB1 43 PB0 44 PC5 45 PB11 46 PB10 47 PB2 48 PC4 49 PA8 50 PA9 51 PA7 52 PA6 53 PA5 54 PA4 55 PA3 56 PD14 63 PD13 65 PD12 66 PD7 67 PD2 68 PC9 69 PD3 70 PC7 71 PD4 73 PD9 74 PD8 75 PD15 76 PD10 77 PD5 80 PD6 81 PD11 82 PC8 83 C910 3pF C913 3pF C907 3pF C906 100nF + C917 10uF C918 100nF C914 3pF C909 3pF C915 3pF C911 3pF C916 3pF |