| 전자부품 데이터시트 검색엔진 |
|
STEVAL-ASTRA1B 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-ASTRA1B 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 28 page ![]() 3 Kit versions Table 1. STEVAL-ASTRA1B kit versions Finished good Schematic diagrams Bill of materials STEVAL$ASTRA1BA (1) STEVAL$ASTRA1BA schematic diagrams STEVAL$ASTRA1BA bill of materials 1. This code identifies the STEVAL-ASTRA1B evaluation kit first version. The kit consist of the STEVAL-ASTRA1 main board, whose version is identified by the code STEVAL$ASTRA1A, the STEVAL-ASTRA1SB system on board, whose version is identified by the code STEVAL$ASTRA1SBA, the STEVAL-ASTRA1BC expansion board, whose version is identified by the code STEVAL$ASTRA1BCA and the STEVAL-ASTRA1NA flexible NFC antenna, whose version is identified by the code STEVAL$ASTRA1NAA. STEVAL-ASTRA1B Kit versions DB4621 - Rev 2 page 26/28 |