전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MASTERGAN4TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 MASTERGAN4TR
상세설명  High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN4TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button MASTERGAN4TR Datasheet HTML 2Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 3Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 4Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 5Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 6Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 7Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 8Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 9Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
QFN 9 x 9 x 1 mm, 31 leads, pitch 0.6 mm package information
Table 2. QFN 9 x 9 x 1 mm package dimensions
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.90
0.95
1.00
A3
0.10
b
0.25
0.30
0.35
D
8.96
9.00
9.04
E
8.96
9.00
9.04
D1
3.30
3.40
3.50
E1
2.06
2.16
2.26
D2
1.76
1.86
1.96
E2
3.10
3.20
3.30
D3
1.70
1.80
1.90
E3
3.10
3.20
3.30
e
0.60
K
0.24
L
0.35
0.45
0.55
N
31
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Note:
1.
Dimensioning and tolerances conform to ASME Y14.5-2009.
2.
All dimensions are in millimeters.
3.
N total number of terminals.
4.
Dimensions do not include mold protrusion, not to exceed 0.15 mm.
5.
Package outline exclusive of metal burr dimensions.
MASTERGAN4
Package information
DB4419 - Rev 1
page 6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14