전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MASTERGAN4TR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 MASTERGAN4TR
상세설명  High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN4TR 데이터시트(HTML) 4 Page - STMicroelectronics

  MASTERGAN4TR Datasheet HTML 1Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 2Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 3Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 4Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 5Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 6Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 7Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 8Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin Number
Pin Name
Type
Function
28, EP1
GND
Power Supply
Gate driver ground
3
PGND
Power Supply
Gate driver low-side buffer ground. Internally connected to
SENSE.
26
HIN
Logic Input
High-side driver logic input
24
LIN
Logic Input
Low-side driver logic input
25
SD/OD
Logic Input-output Driver shutdown input and fault open-drain
2
GL
Output
Low-side GaN gate.
20
GH
Output
High-side GaN gate.
23, 29, 30, 31
N.C.
Not connected
Leave floating
MASTERGAN4
Pin list
DB4419 - Rev 1
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14