전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPS1025H 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 IPS1025H
상세설명  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025H 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button IPS1025H Datasheet HTML 19Page - STMicroelectronics IPS1025H Datasheet HTML 20Page - STMicroelectronics IPS1025H Datasheet HTML 21Page - STMicroelectronics IPS1025H Datasheet HTML 22Page - STMicroelectronics IPS1025H Datasheet HTML 23Page - STMicroelectronics IPS1025H Datasheet HTML 24Page - STMicroelectronics IPS1025H Datasheet HTML 25Page - STMicroelectronics IPS1025H Datasheet HTML 26Page - STMicroelectronics IPS1025H Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Figure 18. PowerSSO-24 reel shipment
Table 17. PowerSSO-24 reel information
All dimensions are in mm
Description
Value
Base quantity
1000
Bulk quantity
1000
A (max.)
330
B (min.)
1.5
C (±0.2)
13
F
20.2
G (2 ±0)
24.4
N (min.)
100
T (max.)
30.4
IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32
Packing mechanical data
DS13780 - Rev 3
page 23/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32