전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG3242BRJ-R2 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADG3242BRJ-R2
상세설명  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 데이터시트(HTML) 5 Page - Analog Devices

  ADG3242BRJ-R2 Datasheet HTML 1Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 2Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 3Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG3242
Rev. A | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
BE 1
A0 2
A1 3
GND 4
VCC
8
SEL
7
B0
6
B1
5
ADG3242
TOP VIEW
(Not to Scale)
ADI DIE MARK
A0
A1
B0
B1
GND
SEL VCC BE
ADG3242
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Figure 3. Die Pad Configuration (Die size: 550 μm × 820 μm)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BE
Bus Enable (Active Low).
2
A0
Port A0, Input or Output.
3
A1
Port A1, Input or Output.
4
GND
Ground (0 V) Reference.
5
B1
Port B1, Input or Output.
6
B0
Port B0, Input or Output.
7
SEL
Level Translation Select.
8
VCC
Positive Power Supply Voltage.
Table 4. Die Pad Coordinates (Measured from the Center of the Die)
Mnemonic
X(μm)
Y(μm)
BE
+93
+303
A0
+102
+150
A1
+168
−139
GND
+126
−266
B1
−88
−247
B0
−168
+121
SEL
−111
+279
VCC
−7
+303
Table 5. Truth Table
BE
SEL1
Function
L
L
A0 = B0, A1 = B1, 3.3 V to 1.8 V Level Shifting.
L
H
A0 = B0, A1 = B1, 3.3 V to 2.5 V/2.5 V to 1.8 V Level Shifting.
H
X
Disconnect.
1
SEL = 0 V only when VDD = 3.3 V ± 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com