전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG3242BRJ-R2 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADG3242BRJ-R2
상세설명  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 10Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 11Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 12Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG3242
Rev. A | Page 9 of 16
100
95
90
85
80
75
70
65
60
55
50
0.5
1.9
1.7
1.5
1.3
1.1
0.9
0.7
DATA RATE (Gbps)
VCC = SEL = 3.3V
VIN = 1.5V p-p
20dB ATTENUATION
% EYE WIDTH = ((CLOCK PERIOD –
JITTER p-p)/CLOCK PERIOD) × 100%
Figure 22. Eye Width vs. Data Rate; PRBS 31
50mV/DIV
200ps/DIV
VCC = 3.3V
SEL = 3.3V
VIN = 1.5V p-p
20dB
ATTENUATION
TA = 25°C
Figure 23. Eye Pattern; 1.5 Gbps, VCC = 3.3 V; PRBS 31
20mV/DIV
200ps/DIV
VCC = 2.5V
SEL = 2.5V
VIN = 1.5V p-p
20dB
ATTENUATION
TA = 25°C
Figure 24. Eye Pattern; 1.244 Gbps, VCC = 2.5 V; PRBS 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com