전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MICRF405 데이터시트(PDF) 26 Page - Micrel Semiconductor

부품명 MICRF405
상세설명  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 데이터시트(HTML) 26 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 22Page - Micrel Semiconductor MICRF405 Datasheet HTML 23Page - Micrel Semiconductor MICRF405 Datasheet HTML 24Page - Micrel Semiconductor MICRF405 Datasheet HTML 25Page - Micrel Semiconductor MICRF405 Datasheet HTML 26Page - Micrel Semiconductor MICRF405 Datasheet HTML 27Page - Micrel Semiconductor MICRF405 Datasheet HTML 28Page - Micrel Semiconductor MICRF405 Datasheet HTML 29Page - Micrel Semiconductor MICRF405 Datasheet HTML 30Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Micrel
MICRF405
April 2006
26
M9999-041906
(408) 955-1690
Modulation
type
Fphd
[kHz]
BW
[kHz]
CP
[uA]
CP_CUR
C1
[pF]
C2
[pF]
LF_CAP
R1
[k
Ω]
LF_RES1
R3
[k
Ω]
LF_RES3
Open loop
VCO
500
22.5
3.125/31.25
1
32.4
10.8
3
96
7
57
8
Open loop
VCO
1000
45
6.25/62.5
2
32.4
10.8
3
48
2
28
3
ASK
≤4.8kbps
1000
32
3.125/31.25
1
32.4
10.8
3
68
4
40
5
ASK
≤9.6kbps
2000
64
6.25/62.5
2
32.4
10.8
3
34
1
20
2
ASK
>9.6kbps
2000
220
12.5/125
3
5.4
1.8
0
76
5
5
0
Table 18. Internal Dual Path Filter Settings.
The design of the PLL filter will strongly affect the
performance of the frequency synthesizer. Input
parameters, when designing the loop filter for the
MICRF405, are mainly the modulation method and
the bit rate. Internal loop filter, which have relative
high bandwidths, is recommended for ASK. The
external filter must be used when the bandwidth
must be low. These choices will also affect the
switching time and phase noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46