전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

12MHZ/S/3.2X2.5 데이터시트(PDF) 16 Page - Infineon Technologies AG

부품명 12MHZ/S/3.2X2.5
상세설명  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 데이터시트(HTML) 16 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 17Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 18Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 19Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
User Manual
16 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M1-101T
Figure 9
Program Firmware and Parameter in “Program IMC Controller” pop-up window
To program only Drive System Parameter file into IMC101T-T038, click on “Tools” menu and select
“Programmer” in the pull down list. The pop-up window “Program IMC controller” will show up as in Figure 10.
Click on the “Program Parameters” radio button (this is the default option), and then select the Drive System
Parameter file created using MCEWizard by clicking on “Browse…”. Finally, click on the “Start” button to
program the parameter file into the IMC101T-T038 IC.
Figure 10 “Program IMC Controller” pop-up window
After Drive System Parameter file has been programmed into IMC101 controller, and the motor drive system is
powered, the MCEDesigner can be used to start/stop the motor, display motor current traces, change the motor
speed, modify drive parameters and many other functions. Please refer to the MCEDesigner documentation for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33