전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

12MHZ/S/3.2X2.5 데이터시트(PDF) 17 Page - Infineon Technologies AG

부품명 12MHZ/S/3.2X2.5
상세설명  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 데이터시트(HTML) 17 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 17Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 18Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 19Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 20Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
User Manual
17 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M1-101T
Note:
On-board Debugger portion of EVAL-M1-101T is galvanically isolated from the controller portion
and the attached power board. In order to program the parameters or firmware to the IMC101T-
T038 controller, the 3.3V DC voltage needs to be supplied to the controller portion of the EVAL-M1-
101T. This voltage can either be supplied by the power board (MADK power boards are designed to
supply the 3.3V to the control board through M1 or M3 connector) or by feeding the 3.3V DC voltage
to the control board through some of the available 3.3V access/test points if the power board is not
attached to the EVAL-M1-101T control board.
All latest firmware file for different type of iMOTIONTM control ICs are available for download via Infineon
iMOTIONTMwebsite (http://www.infineon.com/imotion-software).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33