| 전자부품 데이터시트 검색엔진 |
|
AM6441...ALV 데이터시트(PDF) 95 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6441...ALV 데이터시트(HTML) 95 Page - Texas Instruments |
|
95 / 244 page ![]() Table 6-80. Connectivity Requirements (continued) BALL NUMBER BALL NAME CONNECTION REQUIREMENTS G20 F20 E21, D20 G21 F21 F19 E20 ADC0_AIN0 ADC0_AIN1 ADC0_AIN2 ADC0_AIN3 ADC0_AIN4 ADC0_AIN5 ADC0_AIN6 ADC0_AIN7 Any unused ADC0_AIN[7:0] ball must be pulled to VSS through a resistor or connected directly to VSS when VDDA_ADC is connected to a power source. F7 G6 H7 J6, K7 L6 J8 VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR_C If DDRSS0 is not used, each of these balls must be connected directly to VSS. www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 95 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |