전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM6441...ALV 데이터시트(PDF) 11 Page - Texas Instruments

부품명 AM6441...ALV
상세설명  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM6441...ALV 데이터시트(HTML) 11 Page - Texas Instruments

Back Button AM6441...ALV Datasheet HTML 7Page - Texas Instruments AM6441...ALV Datasheet HTML 8Page - Texas Instruments AM6441...ALV Datasheet HTML 9Page - Texas Instruments AM6441...ALV Datasheet HTML 10Page - Texas Instruments AM6441...ALV Datasheet HTML 11Page - Texas Instruments AM6441...ALV Datasheet HTML 12Page - Texas Instruments AM6441...ALV Datasheet HTML 13Page - Texas Instruments AM6441...ALV Datasheet HTML 14Page - Texas Instruments AM6441...ALV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 244 page
background image
Table 5-1. Device Comparison (continued)
FEATURES
REFERENCE
NAME
AM6442
AM6441
AM6422
AM6421
AM6412
AM6411
Enhanced Pulse-Width Modulator Module
EPWM
9
Enhanced Capture Module
ECAP
3
Enhanced Quadrature Encoder Pulse Module
EQEP
3
Universal Asynchronous Receiver and
Transmitter
UART
9
Universal Serial Bus (USB3.1 Gen1) SuperSpeed
Dual-Role-Device (DRD) Ports with SS PHY
USB0
Yes
(1)
For more details about the CTRLMMR_WKUP_JTAG_DEVICE_ID register and DEVICE_ID bit field, see the device TRM.
(2)
Full CAN-FD Support is available when selecting an orderable part number that includes a feature code of E or F. Refer to
Nomenclature Description for definition of feature codes.
(3)
One flash interface, configured as OSPI0 or QSPI0.
(4)
Functional Safety is available when selecting an orderable part number that includes a feature code of F. Refer to Nomenclature
Description for definition of feature codes.
(5)
Programmable Real-Time Unit Subsystem is available when selecting an orderable part number that includes a feature code of C.
Refer to Nomenclature Description for definition of feature codes.
(6)
Industrial Communication Subsystem Support is available when selecting an orderable part number that includes a feature code of D,
E, or F. Refer to Nomenclature Description for definition of feature codes.
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More