전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PACUSB-D2 데이터시트(PDF) 5 Page - California Micro Devices Corp

부품명 PACUSB-D2
상세설명  USB Downstream Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALMIRCO [California Micro Devices Corp]
홈페이지  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-D2 데이터시트(HTML) 5 Page - California Micro Devices Corp

  PACUSB-D2 Datasheet HTML 1Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 2Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 3Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 4Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 5Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 6Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 7Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 8Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
5
PACUSB-D1/D2/D3
Performance Information
Capacitance vs. Voltage
The C1 capacitance value as a function of DC voltage
across it is presented in Figure 1. The curve is normal-
ized to a capacitance of 1.0 capacitance units at 2.5
VDC.
Figure 1. Diode Capacitance vs. DC Voltage (Normalized)
Insertion Loss vs. Frequency Characteristics
Figure 2. Insertion Loss vs. Frequency Performance Curve, PACUSB-D1(SOT23-6)
DC Voltage
1.0
1.2
1.4
1.6
0.8
0.6
0.4
0.2
0
012
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9