전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HPS35 데이터시트(PDF) 3 Page - Astec America, Inc

부품명 HPS35
상세설명  350-1400 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

HPS35 데이터시트(HTML) 3 Page - Astec America, Inc

  HPS35 Datasheet HTML 1Page - Astec America, Inc HPS35 Datasheet HTML 2Page - Astec America, Inc HPS35 Datasheet HTML 3Page - Astec America, Inc HPS35 Datasheet HTML 4Page - Astec America, Inc HPS35 Datasheet HTML 5Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
154
Pin Assignments
rev 02.24.05
H
HPPSS3355 M
Moodduullee
1
AB
C
D
E
F
H
J
K
L
M N
P
R
S
T
U
V
W X
Y
Z
AA AB
23456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TOP SIDE 1-24
Mating cconnector:
EDAC 307-048-520-201 or
equivalent
Rating: 5A per contact
Unit C
Connector
Card Edge Connector with gold fingers double-sided 1.6mm FR-4 PCB
PPiinn 66 - SSW
WPP (IN/OUT Signal)
((SSiinnggllee W
Wiirree PPaarraalllleell))
SWP Pin is used when
connecting units in parallel
to achieve current sharing.
Current share accuracy is
typically 10% of full load.
Note:
SWP Voltage is 5V at 100% load current
PPiinn 2233 - FFaann M
Moonniittoorr (OUT Signal)
PPiinn ZZ - A
AC
C O
OKK (OUT Signal)
PPiinn FF - --RReem
moottee SSeennssee
PPiinn H
H - ++ RReem
moottee SSeennssee
Compensates for up to 0.5V drop.
Recommended shielded twisted wire
pair.
PPiinn X
X - M
Moodduullee IInnhhiibbiitt (IN Signal)
Note:
SWP Voltage is 5V at 100% load current
Note:
Hi state: Source 100uA @ 4V
Low State: Sink 10mA @ 0.5V
PPiinn A
AA
A - D
DC
C O
OKK (OUT Signal)
Unit C
Connector
Card Edge Connector with gold fingers double-sided 1.6mm FR-4 PCB
Pin Description
1
AC (L)
2
BLANK
3
AC (N)
4
BLANK
5
GND
6
SWP
7
5V RTN
8
COMMON
9
COMMON
10 COMMON
11 COMMON
12 COMMON
13 COMMON
14 V OUT
15 V OUT
16 V OUT
17 V OUT
18 V OUT
19 V OUT
20 BLANK
21 +5 STANDBY
22 TBA
23 FAN MON
24 I2C CLK
Pin Description
A
AC (L)
B
BLANK
C
AC (N)
D BLANK
E
GND
F
-SENSE
H +SENSE
J
COMMON
K
COMMON
L
COMMON
M COMMON
N COMMON
P
COMMON
R
V OUT
S
V OUT
T
V OUT
U
V OUT
V
V OUT
W V OUT
X
INHIBIT
Y
TBA
Z
AC OK
AA DC OK
BB I2C DATA
Bottom
Top



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com