전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HPS35 데이터시트(PDF) 5 Page - Astec America, Inc

부품명 HPS35
상세설명  350-1400 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

HPS35 데이터시트(HTML) 5 Page - Astec America, Inc

  HPS35 Datasheet HTML 1Page - Astec America, Inc HPS35 Datasheet HTML 2Page - Astec America, Inc HPS35 Datasheet HTML 3Page - Astec America, Inc HPS35 Datasheet HTML 4Page - Astec America, Inc HPS35 Datasheet HTML 5Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PPiinn 22 ++ RReem
moottee SSeennssee
PPiinn 33 - RReem
moottee SSeennssee
Compensates for up to 0.5V drop.
Recommended shielded twisted wire
pair.
PPiinn 1122 - G
Glloobbaall A
AC
C O
OKK (OUT signal)
Note: AC OK signals are OR'ed together
internally. If any module fails, the LED
on the affected module will be off and
the logic signal will indicate AC NOT OK.
PPiinn 1199 - G
Glloobbaall IInnhhiibbiitt (IN signal)
Note: All outputs disabled when Pin 19
is open or High.
PPiinn 2222 - SSW
WPP (IN/OUT signal)
SWP Pin is used when
connecting racks in
parallel to achieve
current sharing. Current
share accuracy is
typically 10% of full load.
Note: SWP Voltage is 5V at 100% load
current.
M
Moodduullee IInnhhiibbiitt (IN Signal)
Note: Module Inhibit signals for each
slot in the rack is accessible in the D-sub
connector (J18). Refer to Connector Pin-
out table for pin assignments. Pin 1 is
the Return Pin.
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
156
rev 02.24.05
H
HPPRR11 -0000
D-sub Connector Pin outs
Pin Description
1
5V Return (std-by)
2
+ Remote Sense
3
- Remote Sense
4
5V Stand by
5
Unused
6
Module Inhibit
7
DC OK
8
AC OK
9
I2C_ADD#1
10 I2C_ADD#2
11 Fan Monitor
12 Global AC OK
13 Module Inhibit
14 DC OK
15 AC OK
16 I2C_ADD#1
17 I2C_ADD#2
18 Fan Monitor
19 Global Inhibit
D
DC
C O
OKK (OUT Signal)
Note: DC OK signals for each slot in the
rack is accessible in the D-sub
connector (J18). Refer to Connector
Pin-out table for pin assignments. Pin 1
is the Return Pin.
A
AC
C O
OKK (OUT Signal)
Note: AC OK signals for each slot in the
rack is accessible in the D-sub
connector (J18). Refer to Connector
Pin-out table for pin assignments. Pin 1
is the Return Pin.
Hi state: Source 100uA @ 4V
Low State: Sink 10mA @ 0.5V
FFaann M
Moonniittoorr (OUT Signal)
Note: Fan Monitor signals for each slot
in the rack is accessible in the D-sub
connector (J18). Refer to Connector
Pin-out table for pin assignments. Pin 1
is the Return Pin.
I2C_ADD#1
I2C_ADD#2
TBD
PSU C
Connector
617-A-037-P-AJ-1-21 (Male socket) Amphenol
Pin Out Diagram D-sub Connector (male)
Mating C
Connector
617-A-037-S-AJ-1-20 (Female socket) Amphenol
Pin Out Diagram D-sub Connector (female)
S
L
O
T
1
Pin Description
20 I2C CLOCK
21 I2C DATA
22 SWP
23 Unused (I2C_INT)
24 Module Inhibit
25 DC OK
26 AC OK
27 I2C_ADD#1
28 I2C_ADD#2
29 Fan Monitor
30 Unused
31 Module Inhibit
32 DC OK
33 AC OK
34 I2C_ADD#1
35 I2C_ADD#2
36 Fan Monitor
37 Unused
S
L
O
T
2
S
L
O
T
3
S
L
O
T
4



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com