| 전자부품 데이터시트 검색엔진 |
|
H5AN4G4NAFR-RDC 데이터시트(PDF) 30 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5AN4G4NAFR-RDC 데이터시트(HTML) 30 Page - Hynix Semiconductor |
|
30 / 45 page ![]() Rev. 1.3 / Mar.2016 66 Table 11 - IDD7 Measurement-Loop Pattern1 NOTE : 1. DQS_t, DQS_c are VDDQ. 2. BG1 is don’t care for x16 device. 3. C[2:0] are used only for 3DS device. 4. Burst Sequence driven on each DQ signal by Read Command. Outside burst operation, DQ signals are VDDQ Data4 0 0 ACT 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 - 1 RDA 0 1 1 0 1 0 0 0 0 0 1 0 0 0 D0=00, D1=FF D2=FF, D3=00 D4=FF, D5=00 D6=00, D7=FF 2 D 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 - 3 D# 1 1 1 1 1 0 0 32 3 0 0 0 7 F 0 - ... repeat pattern 2...3 until nRRD - 1, if nRRD > 4. Truncate if necessary 1 nRRD ACT 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 - nRRD + 1 RDA 0 1 1 0 1 0 1 1 0 0 1 0 0 0 D0=FF, D1=00 D2=00, D3=FF D4=00, D5=FF D6=FF, D7=00 ... repeat pattern 2 ... 3 until 2*nRRD - 1, if nRRD > 4. Truncate if necessary 2 2*nRRD repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 2 instead 3 3*nRRD repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 3 instead 4 4*nRRD repeat pattern 2 ... 3 until nFAW - 1, if nFAW > 4*nRRD. Truncate if necessary 5 nFAW repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 1 instead 6 nFAW + nRRD repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 2 instead 7 nFAW + 2*nRRD repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 3 instead 8 nFAW + 3*nRRD repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 0 instead 9 nFAW + 4*nRRD repeat Sub-Loop 4 10 2*nFAW repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 0 instead For x4 and x8 only 11 2*nFAW + nRRD repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 1 instead 12 2*nFAW + 2*nRRD repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 2 instead 13 2*nFAW + 3*nRRD repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 3 instead 14 2*nFAW + 4*nRRD repeat Sub-Loop 4 15 3*nFAW repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 1 instead 16 3*nFAW + nRRD repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 2 instead 17 3*nFAW + 2*nRRD repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 3 instead 18 3*nFAW + 3*nRRD repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 0 instead 19 3*nFAW + 4*nRRD repeat Sub-Loop 4 20 4*nFAW repeat pattern 2 ... 3 until nRC - 1, if nRC > 4*nFAW. Truncate if necessary |