| 전자부품 데이터시트 검색엔진 |
|
H5AN4G4NAFR-RDC 데이터시트(PDF) 31 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5AN4G4NAFR-RDC 데이터시트(HTML) 31 Page - Hynix Semiconductor |
|
31 / 45 page ![]() Rev. 1.3 / Mar.2016 31 IDD Specifications IDD and IPP values are for full operating range of voltage and temperature unless otherwise noted. IDD and IPP values are for full operating range of voltage and temperature unless otherwise noted. IDD and IDDQ Specification NOTE : 1. Users should refer to the DRAM supplier data sheet and/or the DIMM SPD to determine if DDR4 SDRAM devices support the follow- ing options or requirements referred to in this material. Symbol 2133 2400 Unit NOTE x4 x8 x16 x4 x8 x16 IDD0 28 30 41 32 32 44 mA IDD0A 28 30 41 33 33 45 mA IDD1 36 40 56 42 42 59 mA IDD1A 37 40 56 43 43 60 mA IDD2N 17 17 17 18 18 18 mA IDD2NA 19 19 19 21 21 21 mA IDD2NT 21 21 21 23 23 23 mA IDD2NL 13 13 13 14 14 14 mA IDD2NG 17 17 17 19 19 19 mA IDD2ND 16 16 16 17 17 17 mA IDD2N_par 18 18 18 19 19 19 mA IDD2P 12 12 12 13 13 13 mA IDD2Q 17 17 17 18 18 18 mA IDD3N 34 34 34 37 37 37 mA IDD3NA 35 35 35 38 38 38 mA IDD3P 28 28 28 30 30 30 mA IDD4R 78 101 162 113 113 181 mA IDD4RA 80 103 165 115 115 184 mA IDD4RB 81 102 163 114 114 182 mA IDD4W 79 108 173 121 121 194 mA IDD4WA 82 111 178 124 124 198 mA IDD4WB 82 108 173 120 121 194 mA IDD4WC 72 96 154 108 108 173 mA IDD4W_par 91 119 190 136 136 218 mA IDD5B 182 182 182 182 182 182 mA IDD5F2 200 200 200 200 200 200 mA IDD5F4 150 150 150 150 150 150 mA IDD6N 12 12 12 12 12 12 mA IDD6E1 16 16 16 16 16 16 mA IDD6R 88 8888 mA IDD6A 21 22 22 22 22 22 mA IDD7 126 135 181 150 139 188 mA IDD8 77 7777 mA |