| 전자부품 데이터시트 검색엔진 |
|
HLMP-EJ30-R4000 데이터시트(PDF) 4 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HLMP-EJ30-R4000 데이터시트(HTML) 4 Page - Broadcom Corporation. |
|
4 / 18 page ![]() Broadcom AV02-0373EN 4 HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps Table 3: Device Selection Guide, 23° Typical Viewing Angle Typical Viewing Angle 2 ½ (Deg)a a. ½ is the off-axis angle where the luminous intensity is half the on-axis intensity. Color and Dominant Wavelength (nm), Typb b. The dominant wavelength, d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. Lamps without Standoffs on Leads (Outline Drawing A) Lamps with Standoffs on Leads (Outline Drawing B) Luminous Intensity Iv (mcd)c,d,e at 20 mA c. The luminous intensity is measured on the mechanical axis of the lamp package. d. The optical axis is closely aligned with the package mechanical axis. e. Tolerance for each intensity bin limit is ±15%. Min. Max. 23° Amber 590 HLMP-EL24-PS000 HLMP-EL26-PS000 880 2500 HLMP-EL24-QT000 HLMP-EL26-QT000 1150 3200 HLMP-EL24-SU400 — 1900 4200 HLMP-EL24-TW000 — 2500 7200 Orange 605 HLMP-EJ24-QT000 — 1150 3200 Red-Orange 615 HLMP-EH24-PS000 HLMP-EH26-PS000 880 2500 HLMP-EH24-QT000 — 1150 3200 Red 626 HLMP-EG24-PS000 HLMP-EG26-PS000 880 2500 HLMP-EG24-QT000 — 1150 4200 HLMP-EG24-RU000 — 1500 4200 |