| 전자부품 데이터시트 검색엔진 |
|
HLMP-EJ30-R4000 데이터시트(PDF) 1 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HLMP-EJ30-R4000 데이터시트(HTML) 1 Page - Broadcom Corporation. |
|
1 / 18 page ![]() Data Sheet Broadcom AV02-0373EN March 12, 2018 Description These Precision Optical Performance AlInGaP LEDs provide superior light output for excellent readability in sunlight and are extremely reliable. AlInGaP LED technology provides extremely stable light output over long periods of time. Precision Optical Performance lamps use the aluminum indium gallium phosphide (AlInGaP) technology. These LED lamps are untinted, nondiffused, T-1¾ packages incorporating second-generation optics producing well defined spatial radiation patterns at specific viewing cone angles. These lamps are made with an advanced optical grade epoxy, offering superior high temperature and high moisture resistance performance in outdoor signal and sign applications. The high maximum LED junction temperature limit of +130 °C enables high temperature operation in bright sunlight conditions. The package epoxy contains both uv-a and uv-b inhibitors to reduce the effects of long-term exposure to direct sunlight. These lamps are available in two package options to give the designer flexibility with device mounting. Benefits Viewing angles match traffic management sign requirements Colors meet automotive and pedestrian signal specifications Superior performance in outdoor environments Suitable for autoinsertion onto PC boards Features Well-defined spatial radiation patterns Viewing angles: 8°, 15°, 23°, 30° High luminous output Colors: – 590 nm amber – 605 nm orange – 615 nm reddish-orange –626 nm red High operating temperature: TJLED = +130°C Superior resistance to moisture Package options: – With or without lead stand-offs Applications Traffic management: – Traffic signals – Pedestrian signals – Work zone warning lights – Variable message signs Commercial outdoor advertising: –Signs – Marquees Automotive: – Exterior and interior lights HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps |
유사한 부품 번호 - HLMP-EJ30-R4000 |
|
유사한 설명 - HLMP-EJ30-R4000 |