전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPFS250T-FCVG484I 데이터시트(PDF) 20 Page - Microchip Technology

부품명 MPFS250T-FCVG484I
상세설명  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I 데이터시트(HTML) 20 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 16Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 17Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 18Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 19Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 20Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 21Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 22Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 23Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
IOH
2,6
mA
IOL
2,6
mA
VOH
Min (V)
VOL
Max (V)
VDDI
Max (V)
VDDI
Typ (V)
VDDI
Min (V)
I/O Standard
(VDDI – VOH)/3
4
VOL/34
0.8 × VDDI
0.2 × VDDI
1.418
1.35
1.283
SSTL135II
4
8
8
VDDI – 0.4
0.4
1.575
1.5
1.425
HSTL15I
16
16
VDDI – 0.4
0.4
1.575
1.5
1.425
HSTL15II
(VDDI – VOH)/5
0
VOL/50
0.8 × VDDI
0.2 × VDDI
1.418
1.35
1.283
HSTL135I
4
(VDDI – VOH)/2
5
VOL/25
0.8 × VDDI
0.2 × VDDI
1.418
1.35
1.283
HSTL135II
4
(VDDI – VOH)/5
0
VOL/50
0.9 × VDDI
0.1 × VDDI
1.26
1.2
1.14
HSTL12I
4
(VDDI – VOH)/2
5
VOL/25
0.9 × VDDI
0.1 × VDDI
1.26
1.2
1.14
HSTL12II
4
(VDDI – VOH)/5
5
VOL/55
0.9 × VDDI
0.1 × VDDI
1.89
1.8
1.71
HSUL18I
4
(VDDI – VOH)/2
5
VOL/25
0.9 × VDDI
0.1 × VDDI
1.89
1.8
1.71
HSUL18II
4
(VDDI – VOH)/4
0
VOL/40
0.9 × VDDI
0.1 × VDDI
1.26
1.2
1.14
HSUL12I
4
(VDDI – VOH)/4
8
VOL/48
0.5 × VDDI
1.26
1.2
1.14
POD12I
4,5
(VDDI – VOH)/3
4
VOL/34
0.5 × VDDI
1.26
1.2
1.14
POD12II
4,5
1. Drive strengths per PCI specification V/I curves.
2. Refer to UG0686: PolarFire FPGA User I/O User Guide for details on supported drive strengths.
3. For external stub-series resistance. This resistance is on-die for GPIO.
4. IOL/IOH units for impedance standards in amps (not mA).
5. VOH_MAX based on external pull-up termination (pseudo-open drain).
6. The total DC sink/source current of all IOs within a lane is limited as follows:
a. HSIO lane: 120 mA per 12 IO buffers.
b. GPIO lane: 160 mA per 12 IO buffers.
Note: 3.3 V and 2.5 V are only supported in GPIO banks.
5.3.2
Differential DC Input and Output Levels
The follow tables list the differential DC I/O levels.
16
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com