전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPFS250T-FCVG484I 데이터시트(PDF) 48 Page - Microchip Technology

부품명 MPFS250T-FCVG484I
상세설명  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I 데이터시트(HTML) 48 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 44Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 45Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 46Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 47Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 48Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 49Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 50Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 51Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
Unit
VREF
1, 5
VMEAS
3, 4
VICM
2
VID
2
VH
1
VL
1
Description
Standard
V
0
0.750
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.5 V
Class I
HSTL15I
V
0
0.750
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.5 V
Class II
HSTL15II
V
0
0.675
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.35
V Class I
HSTL135I
V
0
0.675
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.35
V Class II
HSTL135II
V
0
0.600
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.2 V
Class I
HSTL12I
V
0
0.600
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.2 V
Class II
HSTL12II
V
0
0.900
0.250
VICM + .125
VICM – .125
Differential
HSUL 1.8 V
Class I
HSUL18I
V
0
0.900
0.250
VICM + .125
VICM – .125
Differential
HSUL 1.8 V
Class II
HSUL18II
V
0
0.600
0.250
VICM + .125
VICM – .125
Differential
HSUL 1.2 V
HSUL12I
V
0
0.840
0.250
VICM + .125
VICM – .125
Differential
POD 1.2 V
Class I
POD12I
V
0
0.840
0.250
VICM + .125
VICM – .125
Differential
POD 1.2 V
Class II
POD12II
V
0
0.200
0.250
VICM + .125
VICM – .125
Mobile I-
ndustry Pro-
MIPI25
cessor Inter-
face
1. Measurements are made at typical, minimum, and maximum VREF values. Reported delays reflect
worst-case of these measurements. VREF values listed are typical. Input waveform switches between
VIL and VIH. All rise and fall rates must be 1 V/ns for non-mixed mode input buffers as one-third the
minimum period for mixed-mode input buffers.
2. Differential receiver standards all use 250 mV VID for timing. VICM is different between different standards.
3. Input voltage level from which measurement starts.
4. The value given is the differential input voltage.
44
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com