전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMM56219 데이터시트(PDF) 8 Page - AMtek SEMICONDUCTORS CO., LTD

부품명 AMM56219
상세설명  Dual Full-Bridge PWM Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
홈페이지  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AMM56219 데이터시트(HTML) 8 Page - AMtek SEMICONDUCTORS CO., LTD

  AMM56219 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AMM56219
Motor Driver ICs
Package Outline
SOP24
SYMBOL
MILLIMETERS
INCHES
Min.
Max.
Min.
Max.
A
2.28
2.65
0.090
0.104
A1
0.10
0.30
0.004
0.012
B
0.33
0.51
0.013
0.020
D
15.2
15.60
0.598
0.614
E
7.4
7.6
0.291
0.299
E1
10
10.75
0.394
0.423
e
1.27 (TYP)
0.05(TYP)
L
0.41
1.27
0.016
0.050
Θ°
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
S
SE
EP
P.. 2
20
01
15
5 V
V1
1..5
5
- 8 -



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com