전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMM56219 데이터시트(PDF) 4 Page - AMtek SEMICONDUCTORS CO., LTD

부품명 AMM56219
상세설명  Dual Full-Bridge PWM Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
홈페이지  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AMM56219 데이터시트(HTML) 4 Page - AMtek SEMICONDUCTORS CO., LTD

  AMM56219 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AMM56219 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AMM56219
Motor Driver ICs
Electrical Characteristics ( Unless otherwise specified, Ta = 25℃, Tj ≤ 150℃, V
BB = 45V,
VCC = 4.75V to 5.25V, VREF = 5.0V )
Parameter
Symbol
Conditions
Limit
Unit
Min
Typ
Max
<Output Drivers (OUT
A or OUTB)>
Motor supply range
VBB
10
-
45
V
Output leakage current
ICEX
VOUT = VBB
-
< 1.0
50
μA
VOUT = 0
-
< -1.0
-50
μA
Output sustaining voltage
VCE(sus)
IOUT = ±750mA, L = 3.0mH
45
-
-
V
Output saturation voltage
VCE(SAT)
Sink driver, IOUT = +500mA
-
0.4
0.6
V
Sink driver, IOUT = +750mA
-
1.0
1.2
V
Source driver, IOUT = -500mA
-
1.0
1.2
V
Source driver, IOUT = -750mA
-
1.3
1.5
V
Clamp diode leakage current
IR
VR = 45V
-
< 1.0
50
μA
Clamp diode forward voltage
VF
IF = 750mA
-
1.6
2.0
V
Driver supply current
IBB(ON)
Both bridges ON, no load
-
20
25
mA
IBB(OFF)
Both bridges OFF
-
5.0
10
mA
<Control Logic >
Input voltage
VIN(1)
All inputs
2.4
-
-
V
VIN(0)
All inputs
-
-
0.8
V
Input current
IIN(1)
VIN = 2.4V
-
< 1.0
20
μA
VIN = 0.8V
-
-3.0
-200
μA
Reference voltage range
VREF
Operating
1.5
-
7.5
V
Current limit threshold
(at trip point)
VREF/
VCOMPIN
I0 = I1 = 0.8V
9.5
10
10.5
-
I0 = 2.4V, I1 = 0.8V
13.5
15
16.5
-
I0 = 0.8V, I1 = 2.4V
25.5
30
34.5
-
Thermal shutdown temperature
TJ
-
170
-
Total logic supply current
ICC(ON)
I0 = I1 = 0.8V, No load
-
40
50
mA
ICC(OFF)
I0 = I1 = 2.4V, No load
-
10
12
mA
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
S
SE
EP
P.. 2
20
01
15
5 V
V1
1..5
5
- 4 -



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com