전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0B1VB 데이터시트(PDF) 48 Page - STMicroelectronics

부품명 STM32G0B1VB
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VB 데이터시트(HTML) 48 Page - STMicroelectronics

Back Button STM32G0B1VB Datasheet HTML 44Page - STMicroelectronics STM32G0B1VB Datasheet HTML 45Page - STMicroelectronics STM32G0B1VB Datasheet HTML 46Page - STMicroelectronics STM32G0B1VB Datasheet HTML 47Page - STMicroelectronics STM32G0B1VB Datasheet HTML 48Page - STMicroelectronics STM32G0B1VB Datasheet HTML 49Page - STMicroelectronics STM32G0B1VB Datasheet HTML 50Page - STMicroelectronics STM32G0B1VB Datasheet HTML 51Page - STMicroelectronics STM32G0B1VB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 159 page
background image
--
9
9
G12 11
11
G1
13
16
J1
PF1-
OSC_OUT
I/O
FT
-
OSC_EN, EVENTOUT, TIM15_CH1N
OSC_OUT
6
6
10
10 F11 12
12
E2
14
17
G2
PF2-NRST
I/O
-
-
MCO, LPUART2_TX, LPUART2_RTS_DE
NRST
-
-
-
-
-
-
-
-
-
18
H3
PF3
I/O
FT
-
LPUART2_RX, USART6_RTS_DE_CK
-
--
--
-
-
--
-
19
H2
PF4
I/O
FT
-
LPUART1_TX
-
--
--
-
-
--
-
20
J2
PF5
I/O
FT
-
LPUART1_RX
-
--
--
-
13
13
E3
15
21
K1
PC0
I/O
FT_a
-
LPTIM1_IN1, LPUART1_RX, LPTIM2_IN1,
LPUART2_TX, USART6_TX, I2C3_SCL,
COMP3_OUT
COMP3_INM7
--
--
-
14
14
F2
16
22
J3
PC1
I/O
FT_a
-
LPTIM1_OUT, LPUART1_TX, TIM15_CH1,
LPUART2_RX, USART6_RX, I2C3_SDA
COMP3_INP1
--
--
-
15
15 G2
17
23
K2
PC2
I/O
FT
-
LPTIM1_IN2, SPI2_MISO/I2S2_MCK, TIM15_CH2,
FDCAN2_RX, COMP3_OUT
-
--
--
-
16
16
H1
18
24
L1
PC3
I/O
FT
-
LPTIM1_ETR, SPI2_MOSI/I2S2_SD, LPTIM2_ETR,
FDCAN2_TX
-
7
7
11
11 H13 17
17
H2
19
25
K3
PA0
I/O
FT_a
-
SPI2_SCK/I2S2_CK, USART2_CTS,
TIM2_CH1_ETR, USART4_TX, LPTIM1_OUT,
UCPD2_FRSTX, COMP1_OUT
COMP1_INM8, ADC_IN0,
TAMP_IN2, WKUP1
8
8
12
12 E10 18
18
H3
2026L2
PA1
I/O FT_ea
-
SPI1_SCK/I2S1_CK, USART2_RTS_DE_CK,
TIM2_CH2, USART4_RX, TIM15_CH1N,
I2C1_SMBA, EVENTOUT
COMP1_INP2, ADC_IN1
9
9
13
13
E8
19
19 G3
21
27
M1
PA2
I/O
FT_a
-
SPI1_MOSI/I2S1_SD, USART2_TX, TIM2_CH3,
UCPD1_FRSTX, TIM15_CH1, LPUART1_TX,
COMP2_OUT
COMP2_INM8, ADC_IN2,
WKUP4, LSCO
Table 12. Pin assignment and description (continued)
Pin number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More