| 전자부품 데이터시트 검색엔진 |
|
STM32G0B1VB 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0B1VB 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 159 page ![]() Table 14. Port A alternate function mapping (AF8 to AF15) Port AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PA0 - - --- -- - PA1 - - --- -- - PA2 - - --- -- - PA3 - - --- -- - PA4 - SPI3_NSS --- -- - PA5 - - --- -- - PA6 I2C2_SDA I2C3_SDA - - - - - - PA7 I2C2_SCL I2C3_SCL --- -- - PA8 I2C2_SMBA - --- -- - PA9 I2C2_SCL - --- -- - PA10 I2C2_SDA - - - - - - - PA11 - - --- -- - PA12 - - --- -- - PA13 - - LPUART2_RX - - - - - PA14 - - LPUART2_TX - - - - - PA15 I2C2_SMBA SPI3_NSS --- -- - |